PART |
Description |
Maker |
22-28-4082 22-28-5020 22-28-5023 42375-0668 42375- |
Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN, HEADER, 2.54MM, 2POS, VERT, SINGLE ROW 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN, HEADER, 2-POS, .1" SP, AU 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 05 Ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,3 Contacts,PIN,0.1 Pitch,PC TAIL Terminal RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 08 Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 05 Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 12 Ckt Tin 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 03 Ckt 15 SGold 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 02 Ckt 15 SGold 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 04 Ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 7=7X1 0.1'' T/H VERTICAL 42375 HEADER 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 36 Ckt Tin 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 07 Ckt Tin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 02 Ckt 30 SGold 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 08 Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HDR .100" 10PIN VERT M SN .025"SQR MOLEX 22-28-4101 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 35 Ckt Tin KK 100 Hdr Assy Bkwy 06 Ckt 15 SGold 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 20 Ckt Tin KK 100 Hdr Assy Bkwy 16 Ckt Tin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 09 Ckt 15 SGold Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.100 Pitch,PC TAIL Terminal
|
Molex, Inc. MOLEX INC
|
26-48-9106 26-50-3063 41671-0035 41671-0034 26-48- |
KK 156 Hdr Assy FrLk Bkwy 10 ckt 30 Au 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 06 ckt Tin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 13X1 M STR AU 1W .156LS .45H 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 12 ckt 30 SAu 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.156 Pitch,PC TAIL Terminal,LATCH 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 02 ckt 20 Au 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 22 ckt Tin 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 22 ckt 20 Au 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 19 ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 06 ckt 15 SAu 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 05 ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 24 ckt Tin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Multipole Connector; No. of Contacts:2; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Leaded Process Compatible:Yes RoHS Compliant: Yes Breakaway Header; No. of Contacts:9; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V
|
Molex, Inc. MOLEX INC
|
09-65-2048 09-65-2068 09-65-2058 09-65-2028 09-65- |
Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.156 Pitch,PC TAIL Terminal RoHS Compliant: Yes 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,5 Contacts,PIN,0.156 Pitch,PC TAIL Terminal RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 2POS 3.96MM VERT TIN 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 11CKT 3.96MM WAFER W/LOCK 527311A 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12CKT 3.96MM WAFER W/LOCK 527312A 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-5T21642M3-06-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 16 x 3mm PC Tail signal contacts, 6 x 4.5mm PC Tail Coax contacts 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T13442M2-01-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 34 x 3mm PC Tail signal contacts, 1 x 3.5mm PC Tail Power contacts 35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T11205M2-00-000-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 12 x 3mm PC Tail signal contacts, 1 x 3mm PC Tail Coax contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
43045-0613 43045-1013 43045-1213 43045-0213 43045- |
Header; No. of Contacts:6; Pitch Spacing:3mm; No. of Rows:2; Series:Mini-Fit 3.0; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:2; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Microfit 3.0 Vert Thrhole DR 15Au 22 Ckt 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.118 Pitch,PC TAIL W/RETNN Terminal,POLARIZED LCK 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
74059-2533 74059-1051 74059-2561 74059-2562 74059- |
VHDM BP 6 ROW SHLD END ASSY 25 COL 175 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM BP 6 ROW SHLD END ASSY 10 COL 70 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM BP 6 Row 25 Column Shield End Assy 175 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT Header; No. of Contacts:150; Pitch Spacing:2mm; No. of Rows:6; Series:VHDM; Connector Body Material:Polymer; Contact Termination:Press-Fit 175 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM 6 Row BP Assy 70 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
Molex, Inc. MOLEX INC
|
68301-1006 68301-1069 68301-1035 68301-1028 68301- |
Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CH 100 Single Row Vert SMT 2ckt 30au CH 100 Single Row Vert SMT 3ckt 30au
|
Molex, Inc. MOLEX INC
|
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
98414-F06-18UA03 98414-F06-48UA03 98414-F06-38UA03 |
18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER ROHS COMPLIANT 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 31 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 39 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SHR HEADER 2.00 VERTICAL TMT
|
Bourns, Inc. Glenair, Inc. FCI connector
|
|